PART |
Description |
Maker |
EPC1194G-1 EPC1194G-3 EPC1194G-2 EPC1194G-4 EPC119 |
500 mW DC/DC Converter
|
PCA ELECTRONICS INC.
|
EPC1195G-X |
500 mW DC/DC Converter
|
PCA ELECTRONICS
|
EPC1194G-X |
500 mW DC/DC Converter
|
PCA ELECTRONICS
|
SPT7750AIK |
8-bit, 500 MSPS A/D converter
|
SPT Signal Processing Technologies
|
IB048E096T48N1-OO IB048E096T48N3-OO IB048E096T48P2 |
5:1 Intermediate Bus Converter Module: Up to 500 W Output
|
Vicor Corporation
|
IB050E120T40N1-00 |
4:1 Intermediate Bus Converter Module: Up to 500 W Output
|
http://
|
AD9286 |
8-Bit, 500 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
|
Analog Devices
|
CJSE122 |
Single Channel, 200 to 500 ksps, 8-Bit A/D Converter 积极的固定电压稳压器
|
Avago Technologies, Ltd.
|
1N476 1N499 1N500 1N279 1N292 1N294 1N567 1N450 1N |
165 V, 500 mA, gold bonded germanium diode 100 V, 500 mA, gold bonded germanium diode 12 V, 500 mA, gold bonded germanium diode 90 V, 500 mA, gold bonded germanium diode GOLD BONDED DIODES(LOW FORWARD VOLTAGE, LOW POWER CONSUMPTION) 75 V, 500 mA, gold bonded germanium diode 120 V, 500 mA, gold bonded germanium diode 70 V, 500 mA, gold bonded germanium diode 80 V, 500 mA, gold bonded germanium diode 115 V, 500 mA, gold bonded germanium diode 60 V, 500 mA, gold bonded germanium diode
|
BKC International Electronics ETC[ETC]
|
SI9122 SI9122DQ-T1 |
500-kHz Half-Bridge DC-DC Converter With Integrated Secondary Synchronous Rectification Drivers
|
VISAY[Vishay Siliconix]
|
ADC102S101CIMMX |
<font color=red>[Old version datasheet]</font> ADC102S101 2 Channel, 500 ksps to 1 Msps, 10-Bit A/D Converter
|
TI store
|
|